PART |
Description |
Maker |
74LVC08ATTR 74LVC08A 74LVC08AM 74LVC08AMTR |
LOGIC GATE|QUAD 2-INPUT AND|LVC-CMOS|SOP|14PIN|PLASTIC LOGIC GATE|QUAD 2-INPUT AND|LVC-CMOS|TSSOP|14PIN|PLASTIC 逻辑门|输入与|乐仕全CMOS | TSSOP封装| 14PIN |塑料 LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
MXP4001 MXP4003 MXP4000 MXP4002 |
InGaAs/InP PIN Photodiode Chips
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP MICROSEMI[Microsemi Corporation]
|
LX3051 |
InGaAs/InP PIN Photo Detectors
|
Microsemi
|
LX3055 |
Coplanar InGaAs/InP PIN photo diode.
|
Microsemi
|
BC847C BC847A BC846A BC846B BC847B BC848B BC848C B |
NPN SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Quad D-Type Flip-Flop with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register 14-PDIP -55 to 125 High Speed CMOS Logic Dual 4-Input Multiplexers 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
http:// MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
HCS157MS HCS157D HCS157DMSR HCS157HMSR HCS157K HCS |
Multiplexer, Digital, 2-Input, Quad, Rad-Hard, High-Speed, CMOS, Logic From old datasheet system Radiation Hardened Quad 2-Input Multiplexers HC/UH SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, CDIP16
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
AS7C1024B AS7C1024BV1.2 AS7C1024B-20TJIN AS7C1024B |
From old datasheet system SRAM - 5V Fast Asynchronous High Speed CMOS Logic Hex Inverters 14-SOIC -55 to 125 High Speed CMOS Logic Quad 2-Input NAND Gates with Open Drain 14-PDIP -55 to 125 High Speed CMOS Logic Quad 2-Input NOR Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NAND Gates with Open Drain 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NOR Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 12 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NOR Gates 14-PDIP -55 to 125
|
ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
I74F86N N74F86N N74F86D 74F86 I74F86D 74F86_2 N74F |
From old datasheet system Quad 2-input exclusive-OR gate - Description: Quad 2-Input EXCLUSIVE-OR Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -1/ 20 mA ; Propagation delay: 4.2 ns; Voltage: 4.5-5.5 V; Package: Always Pb-free
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
R1210N361D R1210N362C R1210N361C R1210N362D R1210N |
Logic IC; Function: Quad. 2-input NOR Gates; Package: DIP POWER MANAGEMENT ICs MARK INFORMATIONS R1210N SERIES MARK SPECIFICATION 电源管理IC商标信息R1210N系列商标规格 Logic IC; Function: PLL - Clock Generator; Package: SSOP; Remarks: Multiplication (in/out) 0.5/0.625/1/1.25 selectable fin=27MHz, fout=13.5 to 33.75MHz
|
Ricoh Co., Ltd.
|